PART |
Description |
Maker |
SHM120UF SHM140UF SHM40UF SHM60UF SHM80UF SHM100UF |
50-250 mA 1500-14000 VOLTS 60-100 nsec HIGH VOLTAGE RECTIFIER
|
SSDI[Solid States Devices, Inc]
|
SHM40UFSMS SHM100UFSMS |
(SHMxxUFSMS) 50-250 mA 1500-14000 VOLTS 60-100 Nsec HIGH VOLTAGE RECTIFIER
|
SSDI
|
SHM120UFSMS |
50-250 mA 1500-14000 VOLTS 60-100 Nsec HIGH VOLTAGE RECTIFIER 0.1 A, SILICON, SIGNAL DIODE
|
Solid State Devices, Inc.
|
MJ15023 MJ15025 ON1984 |
16 AMPERE SILICON POWER TRANSISTORS 200 AND 250 VOLTS 250 WATTS From old datasheet system
|
ONSEMI[ON Semiconductor] MOTOROLA[Motorola, Inc]
|
CR2-XXX CR2-005 CR2-010 CR2-020 CR2-040 CR2-060 CR |
Leaded Rectifier General Purpose 2 AMP RECTIFIER 50-1500 VOLTS AXIAL LEAD EPOXY CASE CR2 SERIES 2 A, 200 V, SILICON, RECTIFIER DIODE, DO-15 2 AMP RECTIFIER 50-1500 VOLTS AXIAL LEAD EPOXY CASE CR2 SERIES 2 A, 1200 V, SILICON, RECTIFIER DIODE, DO-15 2 AMP RECTIFIER 50-1500 VOLTS AXIAL LEAD EPOXY CASE CR2 SERIES 2安培整流0-1500伏轴向环氧案例枚CR2系列 2 AMP RECTIFIER 50-1500 VOLTS AXIAL LEAD EPOXY CASE CR2 SERIES 2 A, 1000 V, SILICON, RECTIFIER DIODE, DO-15 2 AMP RECTIFIER 50-1500 VOLTS AXIAL LEAD EPOXY CASE CR2 SERIES 2 A, 100 V, SILICON, RECTIFIER DIODE, DO-15 2 AMP RECTIFIER 50-1500 VOLTS AXIAL LEAD EPOXY CASE CR2 SERIES 2 A, 400 V, SILICON, RECTIFIER DIODE, DO-15 2 AMP RECTIFIER 50-1500 VOLTS AXIAL LEAD EPOXY CASE CR2 SERIES 2 A, SILICON, RECTIFIER DIODE
|
CENTRAL[Central Semiconductor Corp] Central Semiconductor Corp. Central Semiconductor, Corp. Bourns, Inc.
|
FT1500DL-8 FT1500DL FT1500DL-12 FT1500DL-16 FT1500 |
Phase Control SCR 1500 Amperes Avg 200-1200 Volts 相位控制晶闸管一千五百安培平00-1200伏特
|
Powerex Power Semicondu... POWEREX[Powerex Power Semiconductors] Powerex, Inc.
|
1.5SMC68A 15SMC68A 1.5SMC51A 1.5SMC36A 1.5SMC20A 1 |
UNI-DIRECTIONAL GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR 1500 WATTS 6.8 THRU 200 VOLTS UNI-DIRECTIONAL GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR 1500 WATTS, 6.8 THRU 200 VOLTS
|
CENTRAL[Central Semiconductor Corp]
|
SDRS614LL |
250 mA 2,200 VOLTS FAST RECOVERY HIGH VOLTAGE RECTIFIER
|
Solid States Devices, Inc
|
SDRS614 |
250 mA 2,200 VOLTS FAST RECOVERY HIGH VOLTAGE RECTIFIER
|
Solid States Devices, I...
|
BS108ZL1 BS108/D BS108-D |
Small Signal MOSFET 250 mAmps, 200 Volts, Logic Level N-Channel TO-92 Fast Recovery Glass Passivated Rectifier Diodes
|
ON Semiconductor
|
BS107A BS107ARLRP BS107ARLRM BS107ARL1 BS107 BS107 |
Small Signal MOSFET 250 mAmps, 200 Volts N-Channel TO-92 From old datasheet system Fast Recovery Glass Passivated Rectifier Diodes
|
ONSEMI[ON Semiconductor]
|
CQ220-16 CQ220-16B CQ220-16D CQ220-16M CQ220-16N |
Leaded Thyristor TRIAC 16 AMP TRIAC 200 THRU 800 VOLTS 800 V, 16 A, TRIAC, TO-220AB 16 AMP TRIAC 200 THRU 800 VOLTS 400 V, 16 A, 4 QUADRANT LOGIC LEVEL TRIAC, TO-220AB 16 AMP TRIAC 200 THRU 800 VOLTS 600 V, 16 A, TRIAC, TO-220AB 16 AMP TRIAC 200 THRU 800 VOLTS 200 V, 16 A, 4 QUADRANT LOGIC LEVEL TRIAC, TO-220AB 16 AMP TRIAC 200 THRU 800 VOLTS 16安培可控00 7860 800伏特
|
Central Semiconductor Corp. Central Semiconductor, Corp.
|